PART |
Description |
Maker |
90CLQ100 90CLQ100-15 |
SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 90 Amp, 100V 90A 100V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package
|
International Rectifier
|
FBR3090 FBR30100 |
30 Amp 90 & 100V SCHOTTKY BARRIER RECTIFIERS
|
FCI[First Components International]
|
SR260 SR2100 SR240 SR220 |
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
SR280 SR230 |
VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
PA50 |
Amplifiers - Apex Linear Op-Amp, 100V, 40A OP-AMP, 10000 uV OFFSET-MAX, 3 MHz BAND WIDTH, MDFM12
|
Cirrus Logic, Inc.
|
ISL97701IRZ ISL97701IRZ-T13 ISL97701IRZ-T7 ISL9770 |
Boost Regulator with Integrated Schottky and Input Disconnect Switch; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R 1.2 A SWITCHING REGULATOR, 1100 kHz SWITCHING FREQ-MAX, DSO10
|
Intersil, Corp. Intersil Corporation
|
SL6521CB-T |
PWM Buck DC/DC and Triple Linear Power Controller; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R
|
INTERSIL CORP
|
CS82C55A-596 |
CMOS Programmable Peripheral Interface; Temperature Range: 0°C to 70°C; Package: 44-PLCC T&R 24 I/O, PIA-GENERAL PURPOSE, PQCC44
|
Intersil, Corp.
|
HIN208CA-T HIN202CBN-T HIN202CB-T |
5V Powered RS-232 Transmitters/Receivers with 0.1µF External Capacitors; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R QUAD LINE TRANSCEIVER, PDSO24 LINE TRANSCEIVER, PDSO16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
FQD8P10TF |
100V P-Channel QFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 6.6 A, 100 V, 0.53 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252
|
Fairchild Semiconductor, Corp.
|